PART |
Description |
Maker |
IXFR80N15Q |
HiPerFET Power MOSFETs ISOPLUS247 N-Channel Enhancement Mode HiPerFET Power MOSFET(最大漏源击穿电50V,导通电2.5mΩ的N沟道增强型HiPerFET功率MOSFET)
|
IXYS Corporation
|
IXFH50N20 IXFH10N65 IXFH10N60 IXFH11N100 IXFH11N60 |
HIPERFET Power MOSFTETs 42 A, 200 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HIPERFET Power MOSFTETs HIPERFET电力MOSFTETs RES, FILM, 1.33K, 1%, .100W, 100PPM, 0805
|
IXYS, Corp. http:// IXYS[IXYS Corporation]
|
IXFN200N06 IXFN200N07 IXFN180N06 IXFN180N07 |
60V HiPerFET power MOSFET HiPerFET Power MOSFETs
|
IXYS[IXYS Corporation] http://
|
IXFH9N80Q IXFT9N80Q |
HiPerFET Power MOSFETs Q-Class 9 A, 800 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation] ETC[ETC]
|
IXFH11N80 IXFH13N80 IXFM13N80 IXFM11N80 |
HiPerFET Power MOSFETs 13 A, 800 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204 Discrete MOSFETs: HiPerFET Power MOSFETS
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXFR180N085 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET-TM Power MOSFETs ISOPLUS247-TM (Electrically Isolated Back Surface)
|
IXYS Corporation
|
IXFR4N100Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs ISOPLUS247 (Electrically Isolated Backside)
|
IXYS
|
IXFT66N20Q IXFH66N20Q |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD HiPerFET Power MOSFETs Q-Class 66 A, 200 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268AA
|
IXYS[IXYS Corporation] IXYS, Corp.
|
IXFN130N30 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFETs Single Die MOSFET
|
IXYS http://
|
IXFX180N10 IXFK180N10 |
Discrete MOSFETs: HiPerFET Power MOSFETS 100V HiperFET Power MOSFET Single MOSFET Die
|
IXYS[IXYS Corporation]
|
IXFN180N10 |
Discrete MOSFETs: HiPerFET Power MOSFETS HiPerFET Power MOSFET Single MOSFET Die
|
ETC[ETC] IXYS[IXYS Corporation]
|